| データシートサーチシステム |
|
H8/3021 データシート(PDF) 53 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 53 Page - Renesas Technology Corp |
|
53 / 712 page ![]() 2. CPU Rev.2.00 Mar. 22, 2007 Page 29 of 684 REJ09B0352-0200 2.6.3 Tables of Instructions Classified by Function Tables 2.3 to 2.10 summarize the instructions in each functional category. The operation notation used in these tables is defined as follows. Operation Notation Rd General register (destination)* Rs General register (source)* Rn General register* ERn General register (32-bit register or address register) (EAd) Destination operand (EAs) Source operand CCR Condition code register N N (negative) flag of CCR Z Z (zero) flag of CCR V V (overflow) flag of CCR C C (carry) flag of CCR PC Program counter SP Stack pointer #IMM Immediate data disp Displacement + Addition – Subtraction × Multiplication ÷ Division ∧ Logical AND ∨ Logical OR ⊕ Exclusive logical OR → Move ¬ NOT (logical complement) :3/:8/:16/:24 3-, 8-, 16-, or 24-bit length Note: * General registers include 8-bit registers (R0H to R7H, R0L to R7L), 16-bit registers (R0 to R7, E0 to E7), and 32-bit data or address registers (ER0 to ER7). |