| データシートサーチシステム |
|
H8/3021 データシート(PDF) 93 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 93 Page - Renesas Technology Corp |
|
93 / 712 page ![]() 3. MCU Operating Modes Rev.2.00 Mar. 22, 2007 Page 69 of 684 REJ09B0352-0200 H'00000 H'000FF H'07FFF Mode 5 (1-Mbyte expanded mode with on-chip ROM enabled) Mode 7 (single-chip advanced mode) Mode 6 (16-Mbyte expanded mode with on-chip ROM enabled) H'1FFFF H'20000 H'3FFFF H'40000 H'5FFFF H'60000 H'7FFFF H'80000 H'9FFFF H'A0000 H'BFFFF H'C0000 H'DFFFF H'E0000 Area 0 Area 1 Area 2 Area 3 Area 4 Area 5 Area 6 Area 7 External address space Vector area On-chip ROM On-chip RAM *2 Reserved *1 External address space Internal I/O registers H'F8000 H'FDF0F H'FDF10 H'FEF0F H'FEF10 H'FFF00 H'FFF0F H'FFF10 H'FFF1B H'FFF1C H'FFFFF H'00000 H'000FF Vector area On-chip ROM On-chip RAM Internal I/O registers H'FEF10 H'FFF00 H'FFF0F H'FFF1C H'FFFFF H'07FFF H'1FFFF H'F8000 Notes: Reserved *1 H'000000 H'0000FF H'007FFF H'01FFFF H'020000 H'03FFFF H'040000 H'1FFFFF H'200000 H'3FFFFF H'400000 H'5FFFFF H'600000 H'7FFFFF H'800000 H'9FFFFF H'A00000 H'BFFFFF H'C00000 H'DFFFFF H'E00000 Area 0 Area 1 Area 2 Area 3 Area 4 Area 5 Area 6 Area 7 External address space Vector area On-chip ROM On-chip RAM *2 Reserved *1 External address space Internal I/O registers H'FFDF0F H'FFDF10 H'FFEF0F H'FFEF10 H'FFFF00 H'FFFF0F H'FFFF10 H'FFFF1B H'FFFF1C H'FFFFFF Reserved *1 1. 2. Do not access the reserved area. External addresses can be accessed by disabling on-chip RAM. Figure 3.3 H8/3020 Memory Map in Each Operating Mode (2) |