| データシートサーチシステム |
|
H8/3021 データシート(PDF) 445 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 445 Page - Renesas Technology Corp |
|
445 / 712 page ![]() 13. A/D Converter Rev.2.00 Mar. 22, 2007 Page 421 of 684 REJ09B0352-0200 13.1.3 Pin Configuration Table 13.1 summarizes the A/D converter’s input pins. The eight analog input pins are divided into two groups: group 0 (AN 0 to AN3), and group 1 (AN4 to AN7). AVCC and AVSS are the power supply for the analog circuits in the A/D converter. Table 13.1 A/D Converter Pins Pin Name Abbrevi- ation I/O Function Analog power supply pin AV CC Input Analog power supply and reference voltage Analog ground pin AV SS Input Analog ground and reference voltage Analog input pin 0 AN 0 Input Group 0 analog inputs Analog input pin 1 AN 1 Input Analog input pin 2 AN 2 Input Analog input pin 3 AN 3 Input Analog input pin 4 AN 4 Input Group 1 analog inputs Analog input pin 5 AN 5 Input Analog input pin 6 AN 6 Input Analog input pin 7 AN 7 Input A/D external trigger input pin ADTRG Input External trigger input for starting A/D conversion |