| データシートサーチシステム |
|
H8/3021 データシート(PDF) 486 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 486 Page - Renesas Technology Corp |
|
486 / 712 page ![]() 15. ROM Rev.2.00 Mar. 22, 2007 Page 462 of 684 REJ09B0352-0200 Bit 3—RAM Select (RAMS): Specifies selection or non-selection of flash memory emulation in RAM. When RAMS = 1, all flash memory block are program/erase-protected. Bit 3 RAMS Description 0 Emulation not selected (Initial value) Program/erase-protection of all flash memory blocks is disabled 1 Emulation selected Program/erase-protection of all flash memory blocks is enabled Bits 2 to 0—Flash Memory Area Selection: These bits are used together with bit 3 to select the flash memory area to be overlapped with RAM. (See table 15.4.) Table 15.4 Flash Memory Area Divisions Addresses Block Name RAMS RAM2 RAM1 RAM0 H'FFFFE000–H'FFFFEFFF RAM area 4 kbytes 0 * * * H'00000000–H'00000FFF EB0 (4 kbytes) 1 0 0 0 H'00001000–H'00001FFF EB1 (4 kbytes) 1 0 0 1 H'00002000–H'00002FFF EB2 (4 kbytes) 1 0 1 0 H'00003000–H'00003FFF EB3 (4 kbytes) 1 0 1 1 H'00004000–H'00004FFF EB4 (4 kbytes) 1 1 0 0 H'00005000–H'00005FFF EB5 (4 kbytes) 1 1 0 1 H'00006000–H'00006FFF EB6 (4 kbytes) 1 1 1 0 H'00007000–H'00007FFF EB7 (4 kbytes) 1 1 1 1 *: Don't care Note: When performing flash memory emulation by RAM, the RAME bit in SYSCR must be set to 1. |