データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H8/3021 データシート(PDF) 523 Page - Renesas Technology Corp

部品番号 H8/3021
部品情報  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 データシート(HTML) 523 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 519Page - Renesas Technology Corp H8/3021 Datasheet HTML 520Page - Renesas Technology Corp H8/3021 Datasheet HTML 521Page - Renesas Technology Corp H8/3021 Datasheet HTML 522Page - Renesas Technology Corp H8/3021 Datasheet HTML 523Page - Renesas Technology Corp H8/3021 Datasheet HTML 524Page - Renesas Technology Corp H8/3021 Datasheet HTML 525Page - Renesas Technology Corp H8/3021 Datasheet HTML 526Page - Renesas Technology Corp H8/3021 Datasheet HTML 527Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 523 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 499 of 684
REJ09B0352-0200
15.13
Notes on Ordering Mask ROM Version Chips
When ordering chips with mask ROM, note the following.
1. When ordering through an EPROM, use a 512-kbyte one.
2. Fill all unused addresses with H'FF as shown in figure 15.21 to make the ROM data size the
same as for the 512-kbyte version. This applies to ordering through an EPROM and through
electrical data transfer.
3. The registers that control the flash memory (FLMCR1, FLMCR2, EBR1, EBR2, and RAMER)
are for use exclusively by the flash memory version, and are not provided in the mask ROM
version. Reads to the corresponding addresses in the mask ROM version will always return 1,
and writes to these addresses are invalid. This point must be noted when switching from the
flash memory version to a mask ROM version.
H'00000
HD6433022
(ROM: 256 kbytes)
H'00000 — H'3FFFF
HD6433021
(ROM: 192 kbytes)
H'00000 — H'2FFFF
HD6433020
(ROM: 128 kbytes)
H'00000 — H'1FFFF
H'7FFFF
H'00000
H'7FFFF
H'00000
H'7FFFF
H'1FFFF
H'20000
H'40000
H'3FFFF
H'30000
H'2FFFF
Not used*
Not used*
Not used*
Note: * Write H'FF to all addresses in these areas.
Figure 15.21 Mask ROM Addresses and Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More