| データシートサーチシステム |
|
H8/3021 データシート(PDF) 540 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 540 Page - Renesas Technology Corp |
|
540 / 712 page ![]() 17. Power-Down State Rev.2.00 Mar. 22, 2007 Page 516 of 684 REJ09B0352-0200 Bit 4—Module Standby 4 (MSTOP4): Selects whether to place SCI0 in standby. Bit 4 MSTOP4 Description 0 SCI0 operates normally (Initial value) 1 SCI0 is in standby state Bit 3—Module Standby 3 (MSTOP3): Selects whether to place SCI1 in standby. Bit 3 MSTOP3 Description 0 SCI1 operates normally (Initial value) 1 SCI1 is in standby state Bits 2 to 1—Reserved: Bits 2 to 1 are reserved. Bit 0—Module Standby 0 (MSTOP0): Selects whether to place the A/D converter in standby. Bit 0 MSTOP0 Description 0 A/D converter operates normally (Initial value) 1 A/D converter is in standby state |