| データシートサーチシステム |
|
H8/3021 データシート(PDF) 549 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 549 Page - Renesas Technology Corp |
|
549 / 712 page ![]() 18. Electrical Characteristics Rev.2.00 Mar. 22, 2007 Page 525 of 684 REJ09B0352-0200 Section 18 Electrical Characteristics 18.1 Electrical characteristics of Mask ROM Version 18.1.1 Absolute Maximum Ratings Table 18.1 lists the absolute maximum ratings. Table 18.1 Absolute Maximum Ratings Item Symbol Value Unit Power supply voltage V CC –0.3 to +4.3 V Input voltage (except port 7) V in –0.3 to V CC +0.3 V Input voltage (port 7) V in –0.3 to AV CC +0.3 V Analog power supply voltage AV CC –0.3 to +7.0 V Analog input voltage V AN –0.3 to AV CC +0.3 V Operating temperature T opr –20 to +75 °C Storage temperature T stg –55 to +125 °C Caution: Permanent damage to the chip may result if absolute maximum ratings are exceeded. |