データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H8/3021 データシート(PDF) 603 Page - Renesas Technology Corp

部品番号 H8/3021
部品情報  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 データシート(HTML) 603 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 599Page - Renesas Technology Corp H8/3021 Datasheet HTML 600Page - Renesas Technology Corp H8/3021 Datasheet HTML 601Page - Renesas Technology Corp H8/3021 Datasheet HTML 602Page - Renesas Technology Corp H8/3021 Datasheet HTML 603Page - Renesas Technology Corp H8/3021 Datasheet HTML 604Page - Renesas Technology Corp H8/3021 Datasheet HTML 605Page - Renesas Technology Corp H8/3021 Datasheet HTML 606Page - Renesas Technology Corp H8/3021 Datasheet HTML 607Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 603 / 712 page
background image
Appendix A. Instruction Set
Rev.2.00 Mar. 22, 2007 Page 579 of 684
REJ09B0352-0200
Table A.4
Number of Cycles per Instruction
Instruction
Mnemonic
Instruction
Fetch
I
Branch
Addr.
Read
J
Stack
Operation
K
Byte
Data
Access
L
Word
Data
Access
M
Internal
Operation
N
ADD
ADD.B #xx:8, Rd
1
ADD.B Rs, Rd
1
ADD.W #xx:16, Rd
2
ADD.W Rs, Rd
1
ADD.L #xx:32, ERd
3
ADD.L ERs, ERd
1
ADDS
ADDS #1/2/4, ERd
1
ADDX
ADDX #xx:8, Rd
1
ADDX Rs, Rd
1
AND
AND.B #xx:8, Rd
1
AND.B Rs, Rd
1
AND.W #xx:16, Rd
2
AND.W Rs, Rd
1
AND.L #xx:32, ERd
3
AND.L ERs, ERd
2
ANDC
ANDC #xx:8, CCR
1
BAND
BAND #xx:3, Rd
1
BAND #xx:3, @ERd
2
1
BAND #xx:3, @aa:8
2
1
Bcc
BRA d:8 (BT d:8)
2
BRN d:8 (BF d:8)
2
BHI d:8
2
BLS d:8
2
BCC d:8 (BHS d:8)
2
BCS d:8 (BLO d:8)
2
BNE d:8
2
BEQ d:8
2
BVC d:8
2
BVS d:8
2
BPL d:8
2
BMI d:8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More