| データシートサーチシステム |
|
H8/3021 データシート(PDF) 660 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 660 Page - Renesas Technology Corp |
|
660 / 712 page ![]() Appendix B. Internal I/O Register Field Rev.2.00 Mar. 22, 2007 Page 636 of 684 REJ09B0352-0200 RDR—Receive Data Register H'BD SCI1 Bit Initial value Read/Write 7 0 R 6 0 R 5 0 R 4 0 R 3 0 R 0 0 R 2 0 R 1 0 R Note: Bit functions are the same as for SCI0. P1DDR—Port 1 Data Direction Register H'C0 Port 1 Bit Modes 1 and 3 Initial value Read/Write Initial value Read/Write Modes 5 to 7 7 P1 DDR 1 — 0 W 7 6 P1 DDR 1 — 0 W 6 5 P1 DDR 1 — 0 W 5 4 P1 DDR 1 — 0 W 4 3 P1 DDR 1 — 0 W 3 2 P1 DDR 1 — 0 W 2 1 P1 DDR 1 — 0 W 1 0 P1 DDR 1 — 0 W 0 Port 1 input/output select 0 Generic input pin 1 Generic output pin P2DDR—Port 2 Data Direction Register H'C1 Port 2 Bit Modes 1 and 3 Initial value Read/Write Initial value Read/Write Modes 5 to 7 7 P2 DDR 1 — 0 W 7 6 P2 DDR 1 — 0 W 6 5 P2 DDR 1 — 0 W 5 4 P2 DDR 1 — 0 W 4 3 P2 DDR 1 — 0 W 3 2 P2 DDR 1 — 0 W 2 1 P2 DDR 1 — 0 W 1 0 P2 DDR 1 — 0 W 0 Port 2 input/output select 0 Generic input pin 1 Generic output pin |