| データシートサーチシステム |
|
H8/3021 データシート(PDF) 666 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 666 Page - Renesas Technology Corp |
|
666 / 712 page ![]() Appendix B. Internal I/O Register Field Rev.2.00 Mar. 22, 2007 Page 642 of 684 REJ09B0352-0200 PADR—Port A Data Register H'D3 Port A Bit Initial value Read/Write 0 PA 0 R/W 0 1 PA 0 R/W 1 2 PA 0 R/W 2 3 PA 0 R/W 3 4 PA 0 R/W 4 5 PA 0 R/W 5 6 PA 0 R/W 6 7 PA 0 R/W 7 Data for port A pins PBDDR—Port B Data Direction Register H'D4 Port B Bit Initial value Read/Write 7 PB DDR 0 W 7 6 — 0 W 5 PB DDR 0 W 5 4 PB DDR 0 W 4 3 PB DDR 0 W 3 2 PB DDR 0 W 2 1 PB DDR 0 W 1 0 PB DDR 0 W 0 Port B input/output select 0 Generic input 1 Generic output PBDR—Port B Data Register H'D6 Port B Bit Initial value Read/Write 0 PB 0 R/W 0 1 PB 0 R/W 1 2 PB 0 R/W 2 3 PB 0 R/W 3 4 PB 0 R/W 4 5 PB 0 R/W 5 6 — 0 R/W 7 PB 0 R/W 7 Data for port B pins |