| データシートサーチシステム |
|
H8/3021 データシート(PDF) 217 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 217 Page - Renesas Technology Corp |
|
217 / 712 page ![]() 8. 16-Bit Integrated Timer Unit (ITU) Rev.2.00 Mar. 22, 2007 Page 193 of 684 REJ09B0352-0200 8.1.3 Pin Configuration Table 8.2 summarizes the ITU pins. Table 8.2 ITU Pins Channel Name Abbre- viation Input/ Output Function Common Clock input A TCLKA Input External clock A input pin (phase-A input pin in phase counting mode) Clock input B TCLKB Input External clock B input pin (phase-B input pin in phase counting mode) Clock input C TCLKC Input External clock C input pin Clock input D TCLKD Input External clock D input pin 0 Input capture/output compare A0 TIOCA 0 Input/ output GRA0 output compare or input capture pin PWM output pin in PWM mode Input capture/output compare B0 TIOCB 0 Input/ output GRB0 output compare or input capture pin 1 Input capture/output compare A1 TIOCA 1 Input/ output GRA1 output compare or input capture pin PWM output pin in PWM mode Input capture/output compare B1 TIOCB 1 Input/ output GRB1 output compare or input capture pin 2 Input capture/output compare A2 TIOCA 2 Input/ output GRA2 output compare or input capture pin PWM output pin in PWM mode Input capture/output compare B2 TIOCB 2 Input/ output GRB2 output compare or input capture pin 3 Input capture/output compare A3 TIOCA 3 Input/ output GRA3 output compare or input capture pin PWM output pin in PWM mode, comple- mentary PWM mode, or reset-synchronized PWM mode Input capture/output compare B3 TIOCB 3 Input/ output GRB3 output compare or input capture pin PWM output pin in complementary PWM mode or reset-synchronized PWM mode |