| データシートサーチシステム |
|
H8/3021 データシート(PDF) 265 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 265 Page - Renesas Technology Corp |
|
265 / 712 page ![]() 8. 16-Bit Integrated Timer Unit (ITU) Rev.2.00 Mar. 22, 2007 Page 241 of 684 REJ09B0352-0200 Examples of PWM Mode: Figure 8.29 shows examples of operation in PWM mode. The PWM waveform is output from the TIOCA pin. The output goes to 1 at compare match with GRA, and to 0 at compare match with GRB. In the examples shown, TCNT is cleared by compare match with GRA or GRB. Synchronized operation and free-running counting are also possible. TCNT value Counter cleared by compare match with GRA Time GRA GRB TIOCA a. Counter cleared by GRA TCNT value Counter cleared by compare match with GRB Time GRB GRA TIOCA b. Counter cleared by GRB H'0000 H'0000 Figure 8.29 PWM Mode (Example 1) |