| データシートサーチシステム |
|
H8/3021 データシート(PDF) 304 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 304 Page - Renesas Technology Corp |
|
304 / 712 page ![]() 8. 16-Bit Integrated Timer Unit (ITU) Rev.2.00 Mar. 22, 2007 Page 280 of 684 REJ09B0352-0200 Note on Synchronous Preset: When channels are synchronized, if a TCNT value is modified by byte write access, all 16 bits of all synchronized counters assume the same value as the counter that was addressed. (Example) When channels 2 and 3 are synchronized • Byte write to channel 2 or byte write to channel 3 TCNT2 TCNT3 W Y X Z TCNT2 TCNT3 A A X X TCNT2 TCNT3 Y Y A A TCNT2 TCNT3 W Y X Z TCNT2 TCNT3 A A B B • Word write to channel 2 or word write to channel 3 Upper byte Lower byte Upper byte Lower byte Upper byte Lower byte Upper byte Lower byte Upper byte Lower byte Write A to upper byte of channel 2 Write A to lower byte of channel 3 Write AB word to channel 2 or 3 Note on Setup of Reset-Synchronized PWM Mode and Complementary PWM Mode: When setting bits CMD1 and CMD0 in TFCR, take the following precautions: • Write to bits CMD1 and CMD0 only when TCNT3 and TCNT4 are stopped. • Do not switch directly between reset-synchronized PWM mode and complementary PWM mode. First switch to normal mode (by clearing bit CMD1 to 0), then select reset-synchronized PWM mode or complementary PWM mode. |