| データシートサーチシステム |
|
SH7014 データシート(PDF) 76 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7014 データシート(HTML) 76 Page - Renesas Technology Corp |
|
76 / 754 page ![]() 2. CPU Rev.5.00 Sep. 27, 2007 Page 42 of 716 REJ09B0398-0500 Table 2.14 Logic Operation Instructions Instruction Instruction Code Operation Exec. Cycles T Bit AND Rm,Rn 0010nnnnmmmm1001 Rn & Rm → Rn 1 ⎯ AND #imm,R0 11001001iiiiiiii R0 & imm → R0 1 ⎯ AND.B #imm,@(R0,GBR) 11001101iiiiiiii (R0 + GBR) & imm → (R0 + GBR) 3 ⎯ NOT Rm,Rn 0110nnnnmmmm0111 ∼Rm → Rn 1 ⎯ OR Rm,Rn 0010nnnnmmmm1011 Rn | Rm → Rn 1 ⎯ OR #imm,R0 11001011iiiiiiii R0 | imm → R0 1 ⎯ OR.B #imm,@(R0,GBR) 11001111iiiiiiii (R0 + GBR) | imm → (R0 + GBR) 3 ⎯ TAS.B @Rn * 0100nnnn00011011 If (Rn) is 0, 1 → T; 1 → MSB of (Rn)* 4 Test result TST Rm,Rn 0010nnnnmmmm1000 Rn & Rm; if the result is 0, 1 → T 1 Test result TST #imm,R0 11001000iiiiiiii R0 & imm; if the result is 0, 1 → T 1 Test result TST.B #imm,@(R0,GBR) 11001100iiiiiiii (R0 + GBR) & imm; if the result is 0, 1 → T 3 Test result XOR Rm,Rn 0010nnnnmmmm1010 Rn ^ Rm → Rn 1 ⎯ XOR #imm,R0 11001010iiiiiiii R0 ^ imm → R0 1 ⎯ XOR.B #imm,@(R0,GBR) 11001110iiiiiiii (R0 + GBR) ^ imm → (R0 + GBR) 3 ⎯ Note: * The on-chip DMAC bus cycles are not inserted between the read and write cycles of TAS instruction execution. |