| データシートサーチシステム |
|
PCF2119AU/2DA/2 データシート(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119AU/2DA/2 データシート(HTML) 36 Page - NXP Semiconductors |
|
36 / 79 page ![]() PCF2119X_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 13 August 2009 36 of 79 NXP Semiconductors PCF2119x LCD controllers/drivers Bit DM: When DM = 0, the chip is not in the direct mode. Either the internal VLCD generator or an external voltage may be used to achieve VLCD. When DM = 1, the chip is in direct mode. The internal VLCD generator is turned off and the output VLCDOUT is directly connected VDD2 (i.e. the VLCD generator supply voltage). Table 27. Blink effect for icons and cursor character blink Parameter Even phase Odd phase cursor character blink block (all on) normal (display character) icons state 1; CGRAM character 0 to 3 state 2; CGRAM character 4 to 7 Fig 21. CGRAM to icon mapping (a) COL 1 to 5 12345 81 82 83 84 85 display: ROW 17 – ROW 18 – block of 5 columns COL 6 to 10 6789 10 86 87 88 89 90 COL 76 to 80 76 77 78 79 80 156 157 158 159 160 mgl249 CGRAM data: logic 1 of a data bit turns the icon on and logic 0 turns the icon off. Character codes: bits 0 to 3 define the icon state when icon blink is disabled or during the even phase when icon blink is enabled. Bits 4 to 7 define the icon state during the odd phase when icon blink is enabled (not used for icons when icon blink is disabled) Fig 22. CGRAM to icon mapping (b) mgk999 156-160 odd (blink) 18/76-80 0 0 0 0 0 1 1 1 icon view 0 1 1 1 1 1 1 0 0 1 1 0 1-5 odd (blink) 17/1-5 0 0 0 0 0 1 0 0 0 1 0 0 0 0 0 0 0 0 0 0 156-160 even 18/76-80 0 0 0 0 0 0 1 1 0 0 1 1 1 1 1 1 1 1 0 1 81-85 even 18/1-5 0 0 0 0 0 0 1 0 0 0 1 0 0 0 0 1 1 0 0 0 76-80 even 17/76-80 0 0 0 0 0 0 0 1 0 0 0 1 1 1 1 1 1 1 1 1 11-15 even 17/11-15 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 1 1 0 6-10 even 17/6-10 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 1 0 1-5 even 17/1-5 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 1 7 6 5 4 3 2 1 0 MSB LSB LSB MSB MSB LSB 6 5 4 3 2 1 0 4 3 2 1 0 icon no. phase ROW/COL character codes CGRAM address CGRAM data |