| データシートサーチシステム |
|
PCF2119AU/2DA/2 データシート(PDF) 75 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119AU/2DA/2 データシート(HTML) 75 Page - NXP Semiconductors |
|
75 / 79 page ![]() PCF2119X_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 13 August 2009 75 of 79 NXP Semiconductors PCF2119x LCD controllers/drivers The orientation of the IC in a pocket is indicated by the position of the IC type name on the die surface with respect to the chamfer on the upper left corner of the tray. Refer to the bonding pin location diagram for the orientating and position of the type name on the die surface. Fig 51. Tray alignment 001aaj623 marking code |