| データシートサーチシステム |
|
PCF2119AU/2DA/2 データシート(PDF) 66 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119AU/2DA/2 データシート(HTML) 66 Page - NXP Semiconductors |
|
66 / 79 page ![]() PCF2119X_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 13 August 2009 66 of 79 NXP Semiconductors PCF2119x LCD controllers/drivers 16.14 User defined characters and symbols Up to 16 user defined characters may be stored in the CGRAM. The content of the CGRAM is lost during power-down, therefore the CGRAM has to be rewritten after every power-on. Below some source code is printed, which shows how a user defined character is defined - in this case the euro currency sign. The display used is a 2 lines by 16 characters display and the interface is the I2C-bus: // Write a user defined character into the CGRAM startI2C(); // PCF2119 slave address for write, SA0 is connected to Vdd SendI2CAddress(0x70); // MSB (Continuation bit Co) = 0, more than one byte may follow. Bit6, RS=0, next byte // is command byte i2c_write(0x00); // 2 lines x 16, 1/18 duty, basic instruction set. Next byte will be another command. i2c_write(0x24); // Set CGRAM address to 0 i2c_write(0x40); // Repeated Start condition startI2C(); SendI2CAddress(0x70); // RS=1, next byte is a data byte i2c_write(0x40); // Here the data bytes to define the character // Behind the write commands the 5x8 dot matrix is shown, the 1 represents a on pixel. // The Euro currency character can be recognized by the 0/1 pattern (see Figure 48) i2c_write(0x06); // 00110 i2c_write(0x09); // 01001 i2c_write(0x08); // 01000 i2c_write(0x1E); // 11110 i2c_write(0x1E); // 11110 i2c_write(0x08); // 01000 i2c_write(0x09); // 01001 Fig 48. User defined euro currency sign 00 0 00 0 0 000 0 0 0 000 00 0 00 0 013aaa144 11 11 1 11 1 11 1 1 1 11 1 1 1 |