| データシートサーチシステム |
|
PCF2119AU/2DA/2 データシート(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119AU/2DA/2 データシート(HTML) 13 Page - NXP Semiconductors |
|
13 / 79 page ![]() PCF2119X_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 13 August 2009 13 of 79 NXP Semiconductors PCF2119x LCD controllers/drivers Vstate(t) = VCOL(t) − VROW(t). Von(RMS) = 0.745VLCD. Voff(RMS) = 0.333VLCD. Fig 5. Waveforms for the 1:2 multiplex drive mode; icon mode only icons are driven (MUX 1: 2) 013aaa142 state 1 (ON) state 2 (OFF) state 3 (OFF) COL 1 COL 2 frame n frame n +1 ROW 17 ROW 18 ROW 1 to 16 COL 1 ON/OFF COL 2 ON/OFF COL 3 ON/OFF COL 4 ON/OFF VLCD 2/3 1/3 VSS VLCD 2/3 1/3 VSS VLCD 2/3 1/3 VSS VLCD 2/3 1/3 VSS VLCD 2/3 1/3 VSS VLCD 2/3 1/3 VSS VLCD 2/3 1/3 VSS VLCD −VLCD 0.66VLCD 0 0.33VLCD −0.33VLCD −0.66VLCD VLCD −VLCD 0.66VLCD 0 0.33VLCD −0.33VLCD −0.66VLCD VLCD −VLCD 0.66VLCD 0 0.33VLCD −0.33VLCD −0.66VLCD state 1 COL 1 - ROW 17 state 2 COL 2 - ROW 17 state 3 COL 3 - ROW 1 to ROW 16 D V on V off ---------- 2.23 == |