| データシートサーチシステム |
|
PCF2119AU/2DA/2 データシート(PDF) 69 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119AU/2DA/2 データシート(HTML) 69 Page - NXP Semiconductors |
|
69 / 79 page ![]() PCF2119X_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 13 August 2009 69 of 79 NXP Semiconductors PCF2119x LCD controllers/drivers Table 45. Pin location All X and Y coordinates are referenced to the center of the chip (dimensions in µm). Symbol Pin X Y Description VDD1 1 +745 −274 logic supply voltage 1 VDD1 2 +745 −204 VDD1 3 +745 −134 VDD1 4 +745 −64 VDD1 5 +745 +6 VDD1 6 +745 +76 VDD2 7 +745 +146 VLCD generator supply voltage 2 VDD2 8 +745 +216 VDD2 9 +745 +286 VDD2 10 +745 +356 VDD2 11 +745 +426 VDD2 12 +745 +496 VDD2 13 +745 +566 VDD2 14 +745 +636 VDD3 15 +745 +706 VDD3 16 +745 +776 VDD3 17 +745 +846 VDD3 18 +745 +916 E 19 +745 +986 data bus clock input T1 20 +745 +1196 test pin 1 T2 21 +745 +1406 test pin 2 VSS1 22 +745 +1616 ground 1 VSS1 23 +745 +1686 VSS1 24 +745 +1756 VSS1 25 +745 +1826 VSS1 26 +745 +1896 VSS1 27 +745 +1966 VSS1 28 +745 +2036 VSS1 29 +745 +2106 VSS2 30 +745 +2176 ground 2 VSS2 31 +745 +2246 VSS2 32 +745 +2316 VSS2 33 +745 +2386 VSS2 34 +745 +2456 VSS2 35 +745 +2666 VLCDSENSE 36 +745 +2736 input for voltage multiplier regulation VLCDOUT 37 +745 +2806 VLCD output VLCDOUT 38 +745 +2876 VLCDOUT 39 +745 +2946 VLCDOUT 40 +745 +3016 |