データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9231 データシート(PDF) 24 Page - Analog Devices

部品番号 AD9231
部品情報  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9231 データシート(HTML) 24 Page - Analog Devices

Back Button AD9231 Datasheet HTML 20Page - Analog Devices AD9231 Datasheet HTML 21Page - Analog Devices AD9231 Datasheet HTML 22Page - Analog Devices AD9231 Datasheet HTML 23Page - Analog Devices AD9231 Datasheet HTML 24Page - Analog Devices AD9231 Datasheet HTML 25Page - Analog Devices AD9231 Datasheet HTML 26Page - Analog Devices AD9231 Datasheet HTML 27Page - Analog Devices AD9231 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
AD9231
Rev. 0 | Page 24 of 36
If a low jitter clock source is not available, another option is to
ac couple a differential PECL signal to the sample clock input
pins, as shown in Figure 52. The AD9510/AD9511/AD9512/
AD9513/AD9514/AD9515/AD9516/AD9517 clock drivers offer
excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
ADC
AD951x
PECL DRIVER
Figure 52. Differential PECL Sample Clock (Up to 625 MHz)
A third option is to ac couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 53. The AD9510/
AD9511/AD9512/AD9513/AD9514/AD9515/AD9516/AD9517
clock drivers offer excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLK–
CLK+
ADC
CLOCK
INPUT
CLOCK
INPUT
AD951x
LVDS DRIVER
Figure 53. Differential LVDS Sample Clock (Up to 625 MHz)
In some applications, it may be acceptable to drive the sample
clock inputs with a single-ended 1.8 V CMOS signal. In such
applications, drive the CLK+ pin directly from a CMOS gate, and
bypass the CLK− pin to ground with a 0.1 μF capacitor (see
Figure 54).
OPTIONAL
100Ω
0.1µF
0.1µF
0.1µF
50Ω1
150Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
VCC
1kΩ
1kΩ
CLOCK
INPUT
AD951x
CMOS DRIVER
Figure 54. Single-Ended 1.8 V CMOS Input Clock (Up to 200 MHz)
Input Clock Divider
The AD9231 contains an input clock divider with the ability
to divide the input clock by integer values between 1 and 8.
Optimum performance is obtained by enabling the internal
duty cycle stabilizer (DCS) when using divide ratios other
than 1, 2, or 4.
The AD9231 clock divider can be synchronized using the
external SYNC input. Bit 1 and Bit 2 of Register 0x100 allow
the clock divider to be resynchronized on every SYNC signal
or only on the first SYNC signal after the register is written. A
valid SYNC causes the clock divider to reset to its initial state.
This synchronization feature allows multiple parts to have
their clock dividers aligned to guarantee simultaneous input
sampling.
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate
a variety of internal timing signals and, as a result, may be
sensitive to clock duty cycle. Commonly, a ±5% tolerance is
required on the clock duty cycle to maintain dynamic
performance characteristics.
The AD9231 contains a duty cycle stabilizer (DCS) that retimes
the nonsampling (falling) edge, providing an internal clock
signal with a nominal 50% duty cycle. This allows the user to
provide a wide range of clock input duty cycles without affecting
the performance of the AD9231. Noise and distortion perform-
ance are nearly flat for a wide range of duty cycles with the DCS
on, as shown in Figure 55.
Jitter in the rising edge of the input is still of concern and is not
easily reduced by the internal stabilization circuit. The duty
cycle control loop does not function for clock rates less than
20 MHz nominally. The loop has a time constant associated
with it that must be considered in applications in which the
clock rate can change dynamically. A wait time of 1.5 μs to 5 μs
is required after a dynamic clock frequency increase or decrease
before the DCS loop is relocked to the input signal.
40
45
50
55
60
65
70
75
80
10
20
30
40
50
60
70
80
POSITIVE DUTY CYCLE (%)
DCS OFF
DCS ON
Figure 55. SNR vs. DCS On/Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com