データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9231 データシート(PDF) 32 Page - Analog Devices

部品番号 AD9231
部品情報  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9231 データシート(HTML) 32 Page - Analog Devices

Back Button AD9231 Datasheet HTML 28Page - Analog Devices AD9231 Datasheet HTML 29Page - Analog Devices AD9231 Datasheet HTML 30Page - Analog Devices AD9231 Datasheet HTML 31Page - Analog Devices AD9231 Datasheet HTML 32Page - Analog Devices AD9231 Datasheet HTML 33Page - Analog Devices AD9231 Datasheet HTML 34Page - Analog Devices AD9231 Datasheet HTML 35Page - Analog Devices AD9231 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
AD9231
Rev. 0 | Page 32 of 36
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Comments
0x0E
BIST enable
Open
Open
Open
Open
Open
BIST
INIT
Open
BIST
enable
0x00
When Bit 0 is set,
the BIST function is
initiated
0x10
Offset adjust
(local)
8-bit device offset adjustment [7:0] (local)
Offset adjust in LSBs from +127 to −128 (twos complement format)
0x00
Device offset trim
0x14
Output mode
00 = 3.3 V CMOS
10 = 1.8 V CMOS
Output mux
enable
(interleaved)
Output
disable
(local)
Open
Output
invert
(local)
00 = offset binary
01 = twos
complement
10 = gray code
11 = offset binary
(local)
0x00
Configures the
outputs and the
format of the data
0x15
OUTPUT_ADJUST
3.3 V DCO
drive strength
00 = 1 stripe
(default)
01 = 2 stripes
10 = 3 stripes
11 = 4 stripes
1.8 V DCO
drive strength
00 = 1 stripe
01 = 2 stripes
10 = 3 stripes (default)
11 = 4 stripes
3.3 V data
drive strength
00 = 1 stripe
(default)
01 = 2 stripes
10 = 3 stripes
11 = 4 stripes
1.8 V data
drive strength
00 = 1 stripe
01 = 2 stripes
10 = 3 stripes
(default)
11 = 4 stripes
0x22
Determines
CMOS output drive
strength properties
0x16
OUTPUT_PHASE
DCO
output
polarity
0 =
normal
1 =
inverted
(local)
Open
Open
Open
Open
Input clock phase adjust [2:0]
(Value is number of input clock
cycles of phase delay)
000 = no delay
001 = 1 input clock cycle
010 = 2 input clock cycles
011 = 3 input clock cycles
100 = 4 input clock cycles
101 = 5 input clock cycles
110 = 6 input clock cycles
111 = 7 input clock cycles
0x00
On devices that
utilize global clock
divide, this register
determines which
phase of the divider
output is used to
supply the output
clock; internal
latching is
unaffected
0x17
OUTPUT_DELAY
Enable
DCO
delay
Open
Enable
data
delay
Open
Open
DCO/Data delay[2:0]
000 = 0.56 ns
001 = 1.12 ns
010 = 1.68 ns
011 = 2.24 ns
100 = 2.80 ns
101 = 3.36 ns
110 = 3.92 ns
111 = 4.48 ns
0x00
This sets the fine
output delay of the
output clock but
does not change
internal timing
0x19
USER_PATT1_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
pattern, 1 LSB
0x1A
USER_PATT1_MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-defined
pattern, 1 MSB
0x1B
USER_PATT2_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
pattern, 2 LSB
0x1C
USER_PATT2_MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-defined
pattern, 2 MSB
0x24
BIST signature LSB
BIST signature [7:0]
0x00
Least significant
byte of BIST
signature, read only
0x2A
Features
Open
Open
Open
Open
Open
Open
Open
OR OE
(local)
0x01
Disable the OR pin
for the indexed
channel
0x2E
Output assign
Open
Open
Open
Open
Open
Open
Open
0 =
ADC A
1 =
ADC B
(local)
Ch A =
0x00
Ch B =
0x01
Assign an ADC to an
output channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com