データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9231 データシート(PDF) 33 Page - Analog Devices

部品番号 AD9231
部品情報  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9231 データシート(HTML) 33 Page - Analog Devices

Back Button AD9231 Datasheet HTML 28Page - Analog Devices AD9231 Datasheet HTML 29Page - Analog Devices AD9231 Datasheet HTML 30Page - Analog Devices AD9231 Datasheet HTML 31Page - Analog Devices AD9231 Datasheet HTML 32Page - Analog Devices AD9231 Datasheet HTML 33Page - Analog Devices AD9231 Datasheet HTML 34Page - Analog Devices AD9231 Datasheet HTML 35Page - Analog Devices AD9231 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
AD9231
Rev. 0 | Page 33 of 36
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Comments
Digital Feature Control
0x100
Sync control
(global)
Open
Open
Open
Open
Open
Clock
divider
next
sync
only
Clock
divider
sync
enable
Master
sync
enable
0x01
0x101
USR2
Enable
OEB
Pin 47
(local)
Open
Open
Open
Enable
GCLK
detect
Run
GCLK
Open
Disable
SDIO
pull-
down
0x88
Enables internal
oscillator for clock
rates < 5 MHz
MEMORY MAP REGISTER DESCRIPTIONS
For additional information about functions controlled in
Register 0x00 to Register 0xFF, see the AN-877 Application
Note, Interfacing to High Speed ADCs via SPI.
Sync Control (Register 0x100)
Bits[7:3]—Reserved
Bit 2—Clock Divider Next Sync Only
If the master sync enable bit (Address 0x100, Bit 0) and the
clock divider sync enable bit (Address 0x100, Bit 1) are high,
Bit 2 allows the clock divider to sync to the first sync pulse it
receives and to ignore the rest. The clock divider sync enable
bit (Address 0x100, Bit 1) resets after it syncs.
Bit 1—Clock Divider Sync Enable
Bit 1 gates the sync pulse to the clock divider. The sync signal
is enabled when Bit 1 and Bit 0 are high and the device is
operating in continuous sync mode as long as Bit 2 of the
sync control is low.
Bit 0—Master Sync Enable
Bit 0 must be high to enable any of the sync functions.
USR2 (Register 0x101)
Bit 7—Enable OEB Pin 47
Normally set high, this bit allows Pin 47 to function as the
output enable. If it is set low, it disables Pin 47.
Bit 3—Enable GCLK Detect
Normally set high, this bit enables a circuit that detects encode
rates below about 5 MSPS. When a low encode rate is detected
an internal oscillator, GCLK, is enabled ensuring the proper
operation of several circuits. If set low the detector is disabled.
Bit 2—Run GCLK
This bit enables the GCLK oscillator. For some applications
with encode rates below 10 MSPS, it may be preferable to set
this bit high to supersede the GCLK detector.
Bit 0—Disable SDIO Pull-Down
This bit can be set high to disable the internal 30 kΩ pull-down
on the SDIO pin, which can be used to limit the loading when
many devices are connected to the SPI bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com