| データシートサーチシステム |
|
ST7713 データシート(PDF) 69 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7713 データシート(HTML) 69 Page - Sitronix Technology Co., Ltd. |
|
69 / 159 page ![]() ST7713 Ver 1.6 2008-05 69 9.10 Display Data RAM 9.10.1 Configuration The display module has an integrated 132x132x18-bit graphic type static RAM. This 384,912-bit memory allows to store on-chip a 132RGBx132image with an 18-bpp resolution (262K-color). There will be no abnormal visible effect on the display when there is a simultaneous Panel Read and Interface Read or Write to the same location of the Frame Memory. Fig. 9.10.1 Display data RAM organization |