| データシートサーチシステム |
|
ST7713 データシート(PDF) 97 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7713 データシート(HTML) 97 Page - Sitronix Technology Co., Ltd. |
|
97 / 159 page ![]() ST7713 Ver 1.6 2008-05 97 9.21 External Light Source The operation of the module can meet customer’s Environmental reliability requirements. 9.22 Oscillator The chip has on-chip oscillator that does not require external components. This oscillator output signal is used for system clock generation for internal display operation. 9.23 System Clock Generator The timing generator produces the various signals to driver the internal circuitty. Internal chip operation is not affected by operations on the data bus. 9.24 Instruction Decoder and Register The instruction decoder indentifies command words arriving at the interface and routes the following data bytes to their destination. The command set can be found in “Command” section. 9.25 Source Driver The source driver block includes 132x3 source outputs (S1 to S396), which should be connected directly to the TFT-LCD. The source output signals are generated in the data processing block after the data is read out of the RAM and latched, which represent the simulatance selected rows. 9.26 Gate Driver The gate driver block includes 132 channel gate output (G1 to G132) which should be connected directly to the TFT-LCD. |