データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3524 データシート(PDF) 80 Page - ams AG

部品番号 AS3524
部品情報  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3524 データシート(HTML) 80 Page - ams AG

Back Button AS3524 Datasheet HTML 76Page - ams AG AS3524 Datasheet HTML 77Page - ams AG AS3524 Datasheet HTML 78Page - ams AG AS3524 Datasheet HTML 79Page - ams AG AS3524 Datasheet HTML 80Page - ams AG AS3524 Datasheet HTML 81Page - ams AG AS3524 Datasheet HTML 82Page - ams AG AS3524 Datasheet HTML 83Page - ams AG AS3524 Datasheet HTML 84Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
80
- 124
Input strobe generation
In addition to the generation of the control signals, also an input strobe signal dinStrobe is generated within the control signal generator. With active
dinStrobe, the input data are strobed with rising clock edge (see DIN register).
5.3.12.4 Data Output Register
The data output register handles different output widths and serial output mode (selected by parameters osm and odw). Following diagram
illustrates the function of the data output register.
Table 61 DBOP data output register
D0
D1
D2
D3
Dout[7:0]
Dout[15:7]
low byte select
high byte select
data output register
dout_reg[31:0]
The control part generates the according signals for low byte select and high byte select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More