データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3524 データシート(PDF) 46 Page - ams AG

部品番号 AS3524
部品情報  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3524 データシート(HTML) 46 Page - ams AG

Back Button AS3524 Datasheet HTML 42Page - ams AG AS3524 Datasheet HTML 43Page - ams AG AS3524 Datasheet HTML 44Page - ams AG AS3524 Datasheet HTML 45Page - ams AG AS3524 Datasheet HTML 46Page - ams AG AS3524 Datasheet HTML 47Page - ams AG AS3524 Datasheet HTML 48Page - ams AG AS3524 Datasheet HTML 49Page - ams AG AS3524 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
46
- 124
5.3.5 MCI – SD / MMC Card Interface
Features
•
Conformance to Multimedia Card Specification v2.11
•
Conformance to Secure Digital Memory Card Physical Layer Specification, v0.96
•
uses multimedia card bus or SD card bus.
The PrimeCell™ MCI provides an interface between the APB system bus and multimedia and/or secure digital memory cards. It consists of two
parts:
•
The PrimeCell™ MCI adapter block includes the clock generation unit, the power management control, command and data
transfer
•
the APB interface provides access to the MCI adapter registers, and generates interrupt and DMA request signals.
Figure 19 Multimedia Card Interface Block Diagram
The connections to the Multimedia Card Interface are shared with the General Purpose I/O port-D (GPIO xpd[0:7]). Following diagram shows the
external circuit elements for connection to a SD card adapter. Note that a feedback clock must be routed back to xpd[6]/mci_fbclk.
Figure 20 Connecting SD / MC to GPIO-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More