| データシートサーチシステム |
|
AS3524 データシート(PDF) 43 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3524 データシート(HTML) 43 Page - ams AG |
|
43 / 124 page ![]() AS3524 C21 / C22 austriamicrosystems Data Sheet, Confidential © 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved. www.austriamicrosystems.com Revision 1.11 43 - 124 Figure 17 Serial Synchronous Port Block Diagram Table 24 SSP Registers Register Name Base Address Offset Note SPI_SSPCR0 SSP_BASE 0x00 CR0 control register SPI_SSPCR1 SSP_BASE 0x04 CR1 control register SPI_SSPRXD SSP_BASE 0x08 Read Data Register SPI_SSPTXD SSP_BASE 0x08 Write Data register SPI_SSPSR SSP_BASE 0x0C SSP status register SPI_SSPCPSR SSP_BASE 0x10 SSP Pre-scaler register SPI_SSPIMSC SSP_BASE 0x14 SSP Interrupt Mask and clear register SPI_SSPIRS SSP_BASE 0x18 SSP Raw interrupt status register SPI_SSPMIS SSP_BASE 0x1C SSP Masked interrupt status register SPI_SSPICR SSP_BASE 0x20 SSP interrupt clear register SPI_SSPDMACR SSP_BASE 0x24 SSP DMA control register |