| データシートサーチシステム |
|
AS3524 データシート(PDF) 45 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3524 データシート(HTML) 45 Page - ams AG |
|
45 / 124 page ![]() AS3524 C21 / C22 austriamicrosystems Data Sheet, Confidential © 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved. www.austriamicrosystems.com Revision 1.11 45 - 124 Register Name Base Address Offset Note GPIO3_DATA AS3525_GPIO3_BASE 0x000 GPIO data register GPIO3_DIR AS3525_GPIO3_BASE 0x400 GPIO data direction register GPIO3_IS AS3525_GPIO3_BASE 0x404 GPIO interrupt sense register GPIO3_IBE AS3525_GPIO3_BASE 0x408 GPIO interrupt both edges register GPIO3_IEV AS3525_GPIO3_BASE 0x40C GPIO interrupt event register GPIO3_IE AS3525_GPIO3_BASE 0x410 GPIO interrupt mask register GPIO3_RIS AS3525_GPIO3_BASE 0x414 GPIO raw interrupt status GPIO3_MIS AS3525_GPIO3_BASE 0x418 GPIO masked interrupt status GPIO3_IC AS3525_GPIO3_BASE 0x41C GPIO interrupt clear GPIO3_AFSEL AS3525_GPIO3_BASE 0x420 GPIO mode control select GPIO4_DATA AS3525_GPIO4_BASE 0x000 GPIO data register GPIO4_DIR AS3525_GPIO4_BASE 0x400 GPIO data direction register GPIO4_IS AS3525_GPIO4_BASE 0x404 GPIO interrupt sense register GPIO4_IBE AS3525_GPIO4_BASE 0x408 GPIO interrupt both edges register GPIO4_IEV AS3525_GPIO4_BASE 0x40C GPIO interrupt event register GPIO4_IE AS3525_GPIO4_BASE 0x410 GPIO interrupt mask register GPIO4_RIS AS3525_GPIO4_BASE 0x414 GPIO raw interrupt status GPIO4_MIS AS3525_GPIO4_BASE 0x418 GPIO masked interrupt status GPIO4_IC AS3525_GPIO4_BASE 0x41C GPIO interrupt clear GPIO4_AFSEL AS3525_GPIO4_BASE 0x420 GPIO mode control select |