| データシートサーチシステム |
|
AS3524 データシート(PDF) 63 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3524 データシート(HTML) 63 Page - ams AG |
|
63 / 124 page ![]() AS3524 C21 / C22 austriamicrosystems Data Sheet, Confidential © 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved. www.austriamicrosystems.com Revision 1.11 63 - 124 Figure 30 Connecting a NAND Flash 5.3.11.1 NandFlash Interface Registers Table 41 NAF registers Register Name Base Address Offset Note NAFCONFIG AS3525_NAND_FLASH_BASE 0x00 Configuration register NAFCONTROL AS3525_NAND_FLASH_BASE 0x04 Control register NAFECC AS3525_NAND_FLASH_BASE 0x08 Error correction code reg NAFDATA AS3525_NAND_FLASH_BASE 0x0C Data register NAFMODE AS3525_NAND_FLASH_BASE 0x10 Mode register NAFSTATUS AS3525_NAND_FLASH_BASE 0x14 Status register NAFMASK AS3525_NAND_FLASH_BASE 0x18 Interrupt mask register NAFFIFODATA AS3525_NAND_FLASH_BASE 0x1C buffered read/write data register NAFWORDS AS3525_NAND_FLASH_BASE 0x20 Words register NAFCLEAR AS3525_NAND_FLASH_BASE 0x24 Interrupt clear register NAFTEST AS3525_NAND_FLASH_BASE 0x28 Test register |