データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A8732 データシート(PDF) 5 Page - Allegro MicroSystems

部品番号 A8732
部品情報  Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8732 データシート(HTML) 5 Page - Allegro MicroSystems

  A8732 Datasheet HTML 1Page - Allegro MicroSystems A8732 Datasheet HTML 2Page - Allegro MicroSystems A8732 Datasheet HTML 3Page - Allegro MicroSystems A8732 Datasheet HTML 4Page - Allegro MicroSystems A8732 Datasheet HTML 5Page - Allegro MicroSystems A8732 Datasheet HTML 6Page - Allegro MicroSystems A8732 Datasheet HTML 7Page - Allegro MicroSystems A8732 Datasheet HTML 8Page - Allegro MicroSystems A8732 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Ultra Small Mobile Phone Xenon Photoflash
Capacitor Charger with IGBT Driver
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
A8732
Switch On-Resistance
RSWDS(on)
VIN_DRV = 3.6 V, ID = 600 mA, TA = 25°C
0.4
Ω
Switch Leakage Current
ISWLK
VSW = 5.5, over full temperature range
(note 1)
2
μA
CHARGE Pull-down Resistance
RCHGPD
100
CHARGE Input Voltage
VCHARGE
High, over input supply range (note 1)
1.0
V
Low, over input supply range (note 1)
0.4
V
Charge Pin Programming
ILIM Programming High at CHARGE Pin
tILIM(H)init
Initial Pulse (note 3)
15
μs
tILIM(H)
Subsequent Pulses (note 3)
0.2
μs
ILIM Programming Low at CHARGE Pin
tILIM(L)
(note 3)
0.2
μs
Total ILIM Setup Time at CHARGE Pin
tILIM(SU)
(note 3)
200
μs
Switch-Off Timeout
toff(max)
18
μs
Switch-On Timeout
ton(max)
18
μs
Output Comparator Trip Voltage
VOUTTRIP
Measured as VSW – VBAT (note 4)
31
31.5
32
V
Output Comparator Voltage Overdrive
VOUTOV
Pulse width = 200 ns (90% to 90%)
200
400
mV
¯D¯¯O¯¯N¯¯E¯ Leakage Current
IDONELK
(note 1)
1
μA
¯D¯¯O¯¯N¯¯E¯ Output Low Voltage
VDONEL
32 μA into ¯D¯¯O¯¯N¯¯E¯ pin (note 1)
100
mV
dV/dt Threshold for ZVS Comparator
dV/dt
Measured at SW pin
20
V/μs
IGBT Driver
TRIG Input Voltage
VTRIG(H)
Input = logic high, over input supply range
(note 1)
1.0
V
VTRIG(L)
Input = logic low, over input supply range
(note 1)
0.4
V
TRIG Pull-Down Resistor
RTRIGPD
100
GATE Resistance to VIN_DRV
RSrcDS(on)
VGATE = 1.8 V
21
Ω
GATE Resistance to GND
RSnkDS(on)
VGATE = 1.8 V
27
Ω
Propagation Delay (Rising)
tDr
Measurement taken at GATE pin,
CL= 6500 pF (notes 3, 5)
25
ns
Propagation Delay (Falling)
tDf
(notes 3, 5)
60
ns
Output Rise Time
tr
(notes 3, 5)
290
ns
Output Fall Time
tf
(notes 3, 5)
380
ns
GATE Pull-Down Resistor
RGTPD
20
1 Specifications throughout the range TA = –40°C to 85°C guaranteed by design and characterization.
2Current limit guaranteed by design and correlation to static test.
3Guaranteed by design and characterization.
4Specifications throughout the range TA = –20°C to 85°C guaranteed by design and characterization.
5See IGBT Drive Timing Definition diagram for further information.
ELECTRICAL CHARACTERISTICS (Continued) Typical values are valid at VIN = VBAT = 3.6 V; TA = 25°C, except
indicates
specifications guaranteed from −40°C to 85°C ambient, unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com