データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A8732 データシート(PDF) 6 Page - Allegro MicroSystems

部品番号 A8732
部品情報  Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8732 データシート(HTML) 6 Page - Allegro MicroSystems

Back Button A8732 Datasheet HTML 2Page - Allegro MicroSystems A8732 Datasheet HTML 3Page - Allegro MicroSystems A8732 Datasheet HTML 4Page - Allegro MicroSystems A8732 Datasheet HTML 5Page - Allegro MicroSystems A8732 Datasheet HTML 6Page - Allegro MicroSystems A8732 Datasheet HTML 7Page - Allegro MicroSystems A8732 Datasheet HTML 8Page - Allegro MicroSystems A8732 Datasheet HTML 9Page - Allegro MicroSystems A8732 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Ultra Small Mobile Phone Xenon Photoflash
Capacitor Charger with IGBT Driver
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
A8732
IGBT Drive Timing Definition
GATE
TRIG
tDr
tr
tDf
tf
50%
10%
90%
50%
10%
90%
Operation Timing Diagram
high transition at the CHARGE pin.
VOUT
CHARGE
DONE
VIN
VBAT
TRIG
GATE
SW
AB
Explanation of Events
A: Start charging by pulling CHARGE to high, provided that VIN is above UVLO level.
B: Charging stops when VOUT reaches the target voltage.
C: Start a new charging process with a low-to-
D: Pull CHARGE to low to put the controller in low-power standby mode.
E: Charging does not start, because VIN is below UVLO level when CHARGE goes high.
F: After VIN goes above UVLO, another low-to-high transition at the CHARGE pin is required to
start the charging.
UVLO
Target VOUT
CD
E
F
T3
T1
T2
T1, T2, T3 (Trigger instances): IGBT driver output pulled high whenever the TRIG pin is at logic
high. It is recommended to avoid applying any trigger pulses during charging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com