データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A8732 データシート(PDF) 9 Page - Allegro MicroSystems

部品番号 A8732
部品情報  Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8732 データシート(HTML) 9 Page - Allegro MicroSystems

Back Button A8732 Datasheet HTML 5Page - Allegro MicroSystems A8732 Datasheet HTML 6Page - Allegro MicroSystems A8732 Datasheet HTML 7Page - Allegro MicroSystems A8732 Datasheet HTML 8Page - Allegro MicroSystems A8732 Datasheet HTML 9Page - Allegro MicroSystems A8732 Datasheet HTML 10Page - Allegro MicroSystems A8732 Datasheet HTML 11Page - Allegro MicroSystems A8732 Datasheet HTML 12Page - Allegro MicroSystems A8732 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Ultra Small Mobile Phone Xenon Photoflash
Capacitor Charger with IGBT Driver
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
A8732
320
321
322
323
324
325
326
327
328
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Battery Voltage (V)
ILIM15 (0.51A)
ILIM13 (0.65A)
ILIM11 (0.79A)
ILIM9 (0.93A)
ILIM7 (1.07A)
ILIM5 (1.22A)
ILIM3 (1.36A)
ILIM1 (1.50A)
320
321
322
323
324
325
326
327
328
150
200
250
300
350
400
450
500
550
600
650
toff (ns)
5.0
4.2
3.6
2.2
VBAT (V)
Note: Output voltage is sensed from the primary side winding when the switch turns off. This duration, toff , has
to be long enough (>200 ns) in order to obtain an accurate measurement. The value of toff depends on ISWlim,
primary inductance, LPrimary , and the turns ratio, N, as given by: toff = (ISWlim × LPRIMARY × N) / VOUT .
Final Output Voltage versus Battery Voltage at Various ILIM
Transformer LPRIMARY = 12.8 μH, N =10.25, VIN =3.6 V, at room temperature
Final Output Voltage versus Secondary Side Conduction Time
at Various Battery Voltages
Transformer LPRIMARY = 12.8 μH, N =10.25, VIN =3.6 V, at room temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com