データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A8732 データシート(PDF) 15 Page - Allegro MicroSystems

部品番号 A8732
部品情報  Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8732 データシート(HTML) 15 Page - Allegro MicroSystems

Back Button A8732 Datasheet HTML 11Page - Allegro MicroSystems A8732 Datasheet HTML 12Page - Allegro MicroSystems A8732 Datasheet HTML 13Page - Allegro MicroSystems A8732 Datasheet HTML 14Page - Allegro MicroSystems A8732 Datasheet HTML 15Page - Allegro MicroSystems A8732 Datasheet HTML 16Page - Allegro MicroSystems A8732 Datasheet HTML 17Page - Allegro MicroSystems A8732 Datasheet HTML 18Page - Allegro MicroSystems A8732 Datasheet HTML 19Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Ultra Small Mobile Phone Xenon Photoflash
Capacitor Charger with IGBT Driver
15
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
A8732
ILIM Programming
The peak current limit can be programmed to sixteen differ-
ent levels, from 100% to 29%, with programming through the
CHARGE pin. An internal digital circuit decodes the input clock
signals, which sets the switch current limit. This flexible scheme
allows the user to operate the A8732 at required current limits.
The battery life can be effectively extended by setting a lower cur-
rent limit at low battery voltages. Figure 6 shows the ILIM clock
timing scheme protocol. The total ILIM setup time, tILIM(SU),
denotes the time needed for the decoder circuit to receive ILIM
inputs and set ISWLIM, and has a typical duration of 200 μs.
Figure 7 shows the timing definition of the primary current
limiting circuit. At the end of the setup period, tILIM(SU), primary
current starts to ramp up to the set ISWLIM. The ISWLIM setting
remains in effect as long as the CHARGE pin is high. To reset the
ILIM decoder, pull the CHARGE pin low before clocking-in the
new setting.
After the first start-up or an ILIM decoder reset, each new current
limit can be set by sending a burst of pulses to the CHARGE
pin. The first rising edge starts the ILIM decoder, and up to 16
rising edges will be counted to set the ISWLIM level. The first
pulse width, tILIM1(H), must be at least 15 μs long. Subsequent
pulses (up to 15 more) can be as short as 0.2 μs. The last low-
to-high edge must arrive within 200 μs from the first edge. The
CHARGE pin will stay high afterwards.
(0 to 15)
Figure 6. ILIM programming timing definition
Figure 7. Current limit timing example (ISWLIM4 selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com