| データシートサーチシステム |
|
ADP1864AUJZ-R7 データシート(PDF) 38 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1864AUJZ-R7 データシート(HTML) 38 Page - Analog Devices |
|
38 / 75 page ![]() Programmable Flags 2-4 ADSP-BF506F EZ-KIT Lite Evaluation System Manual PF4 RFS0/PWM0_CH/PPI_D10/ TACLK0 Default: PB1 Land grid array, expansion interface II PF5 RFS0/PWM0_CH/PPI_D10/ TACLK0 Default: not used Land grid array, expansion interface II PF6 UA1_TX/PWM0_TRIP/ PPI_D12 Default: not used Land grid array, expansion interface II PF7 UA1_RX/PWM0_SYNC/ PPI_D13/TACI3 Default: not used Land grid array, expansion interface II PF8 UA1_RTS/DT0SEC/PPI_D7 Default: not used Land grid array, expansion interface II PF9 UA1_CTS/DR0SEC/PPI_D6/ CZM0 Default: not used Land grid array, expansion interface II PF10 SPI0_SCK/TMR2/PPI_D5 Default: SPI0_SCK Land grid array, expansion interface II PF11 SPI0_MISO/PWM0_TRIP/ PPI_D4/TACLK2 Default: SPI0_MISO Land grid array, expansion interface II PF12 SPI0_MOSI/PWM0_SYNC/ PPI_D3 Default: SPI0_MOSI Land grid array, expansion interface II PF13 SPI0_SEL1/TMR3/PPI_D2/ SPI0_SS Default: SPI0_SEL1 Land grid array, expansion interface II PF14 SPI0_SEL2/PWM0_AH/ PPI_D1 Default: not used Land grid array, expansion interface II PF15 SPI0_SEL3/PWM0_AL/ PPI_D0 Default: not used Land grid array, expansion interface II Table 2-1. Port F Programmable Flag Connections (Cont’d) Processor Pin Other Processor Function EZ-KIT Lite Function |