データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP1864AUJZ-R7 データシート(PDF) 40 Page - Analog Devices

部品番号 ADP1864AUJZ-R7
部品情報  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP1864AUJZ-R7 データシート(HTML) 40 Page - Analog Devices

Back Button ADP1864AUJZ-R7 Datasheet HTML 36Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 37Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 38Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 39Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 40Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 41Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 42Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 43Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 75 page
background image
Programmable Flags
2-6
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
PG14
/UA0_RTS/SD_D6/TMR0/
PPI_FS1/CUD1
Default: UART0_RTS
DS_D5
, land grid array, expansion interface II
PG15
/UA0_CTS/SD_D7/TMR1/
PPI_FS2/CDG1
Default: UART0_CTS
DS_D7
, land grid array, expansion interface II
Table 2-3. Port H Programmable Flag Connections
Processor Pin
Other Processor Function
EZ-KIT Lite Function
PH0
ACM_A2/DT1PRI/SPI0_SEL3
/WAKEUP
Default: ACM_A2
Land grid array, expansion interface II
PH1
ACM_A1/TFS1/
SPI1_SEL3_ALT/TACLK3
Default: ACM_A1
Land grid array, expansion interface II
PH2
ACM_A0/TSCLK1/
SPI1_SEL2_ALT/TACI7
Default: ACM_A0
Land grid array, expansion interface II
Table 2-2. Port G Programmable Flag Connections (Cont’d)
Processor Pin
Other Processor Function
EZ-KIT Lite Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75