| データシートサーチシステム |
|
ADP1864AUJZ-R7 データシート(PDF) 52 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1864AUJZ-R7 データシート(HTML) 52 Page - Analog Devices |
|
52 / 75 page ![]() Connectors 2-18 ADSP-BF506F EZ-KIT Lite Evaluation System Manual When an emulator is used with the EZ-KIT Lite, the on-board debug agent is bypassed. Expansion Interface II Connectors (P2 and P4) P2 and P4 are board-to-board connectors providing signals for the SPI, TWI, UART, SPORT, and GPIO signals of the processor. The connec- tors are located on the upper edge of the board (one connector is on the top and one is on the bottom). For more information, see “Expansion Interface II” on page 1-11. Expansion Interface II Connector (P3) P3 is a board-to-board connector providing signals for the PPI and GPIO signals of the processor. The connector is located on the upper edge of the board. For more information, see “Expansion Interface II” on page 1-11. Part Description Manufacturer Part Number 50-position 0.1’’, SMT header SAMTEC TSSH-125-01-L-DV-A Mating Connector 50-position 0.1’’, SMT socket SAMTEC SSW-125-22-F-D-VS Part Description Manufacturer Part Number 70-position 0.1’’, SMT header SAMTEC TSSH-135-01-L-DV-A Mating Connector 70-position 0.1’’, SMT socket SAMTEC SSW-135-22-F-D-VS |