| データシートサーチシステム |
|
ADP1864AUJZ-R7 データシート(PDF) 47 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1864AUJZ-R7 データシート(HTML) 47 Page - Analog Devices |
|
47 / 75 page ![]() ADSP-BF506F EZ-KIT Lite Evaluation System Manual 2-13 ADSP-BF506F EZ-KIT Lite Hardware Reference ADC Voltage Reference (JP6) The ADC voltage reference jumper (JP6) is used to supply a reference voltage to the ADC. In order to use an external voltage reference, a jumper must be placed on positions 1 and 2 of JP2. To use the on-board AD780 precision voltage reference, install a jumpers at position 1, 2 and 3, 4. To supply your own voltage reference, remove all jumpers from JP6 and con- nect your voltage reference to pins 1 and 3. By default, no jumpers are installed on JP6. |