データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPBT2532C2.AT データシート(PDF) 17 Page - STMicroelectronics

部品番号 SPBT2532C2.AT
部品情報  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT データシート(HTML) 17 Page - STMicroelectronics

Back Button SPBT2532C2.AT Datasheet HTML 13Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 14Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 15Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 16Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 17Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 18Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 19Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 20Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
SPBT2532C2.AT
Hardware design
Doc ID 16089 Rev 3
17/48
8.2
UART interface
The UART is compatible with the 16550 industry standard. Four signals are provided with
the UART interface. The TXD and RXD pins are used for data while the CTS and RTS pins
are used for flow control.
Figure 6.
Connection to host device
8.3
Typical circuit
Figure 7.
Typical RS232 circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48