| データシートサーチシステム |
|
SPBT2532C2.AT データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPBT2532C2.AT データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 48 page ![]() SPBT2532C2.AT Commands Doc ID 16089 Rev 3 25/48 C.2 Build The version command is used to return the current version of the abSerial interface. C.2.1 Syntax AT+AB Build C.2.2 Responses If the operation is successful, the response is: AT-AB abSerial Build [date] where [date] is the date code of the application firmware. C.3 Bypass The Bypass command is used to return the abSerial interface to the bypass mode, if a connection is still available. The possible use for this is to change a setting after a connection has been made (such as the UART baud rate). If the abSerial interface does not have a connection, it will respond as if the connection is down. C.3.1 Syntax AT+AB Bypass C.3.2 Responses If a connection is still available, the response is: AT-AB -BypassMode- If there is currently no connection, the response is: AT-AB ConnectionDown C.4 ChangeBaud The host sends the ChangeBaud command in order to change the local UART speed to a new speed identified by the host. This setting will only remain in effect during the current session - until reset. C.4.1 Syntax AT+AB ChangeBaud [rate] |