データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPBT2532C2.AT データシート(PDF) 34 Page - STMicroelectronics

部品番号 SPBT2532C2.AT
部品情報  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT データシート(HTML) 34 Page - STMicroelectronics

Back Button SPBT2532C2.AT Datasheet HTML 30Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 31Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 32Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 33Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 34Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 35Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 36Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 37Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Commands
SPBT2532C2.AT
34/48
Doc ID 16089 Rev 3
C.23.1
Syntax
AT+AB RemoteCommand [Enable/Disable]
Where
[Enable/Disable] is an e or E character to enable this parameter and a d or D
character to disable it.
C.23.2
Responses
If the feature is successfully applied, the response is:
AT-AB RemoteCommand [Enabled/Disabled]
C.24
RemoteCmdDisconnect
The RemoteCmdDisconnect command is used to disconnect a remote command
connection. This command only applies to the server side of the link; the remote device.
The client or local device, if using the abSerial interface, should use a SPPDisconnect
command since it is not in Remote Command mode.
C.24.1
Syntax
AT+AB RemoteCmdDisconnect
C.24.2
Responses
If the operation is successful, the response is:
AT-AB RemoteCmdModeClosed
C.25
Reset
The Reset command is used to reset the abSerial interface. This is provided in the event
that a host application wants to perform a software reset for error recovery. There is a
response prior to reset to verify the command was received by the abSerial interface.
C.25.1
Syntax
AT+AB Reset
C.25.2
Responses
If the operation is successful, the response is:
AT-AB ResetPending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48