| データシートサーチシステム |
|
SPBT2532C2.AT データシート(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPBT2532C2.AT データシート(HTML) 40 Page - STMicroelectronics |
|
40 / 48 page ![]() Error responses SPBT2532C2.AT 40/48 Doc ID 16089 Rev 3 D.2 ErrExecution The ErrExecution error response will be sent if the command cannot complete for any reason. Examples of commands that produce this error response are given in the following table. D.3 ErrFormat The ErrFormat error response will be sent if abSerial receives a command (text terminated by a carriage return or line feed) that does not match the expected format of starting with AT+AB . Examples of commands that produce this error response are given in the following table. Table 11. Example commands that generate <ErrExecution> Example Reason AT+AB security none Execution of command with correct syntax failed AT+AB discovery Execution of command with correct syntax failed Table 12. Example commands that generate <ErrFormat> Example Reason AT-AB Discovery A valid command name that does not start with the right prefix. SPPConnect 00043e000000 A command does not start with AT+AB abcdef A command does not start with AT+AB |