データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPBT2532C2.AT データシート(PDF) 36 Page - STMicroelectronics

部品番号 SPBT2532C2.AT
部品情報  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT データシート(HTML) 36 Page - STMicroelectronics

Back Button SPBT2532C2.AT Datasheet HTML 32Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 33Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 34Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 35Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 36Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 37Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 38Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 39Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
Commands
SPBT2532C2.AT
36/48
Doc ID 16089 Rev 3
C.28
Sniff
The Sniff command is used to switch a device from active mode to sniff mode.
C.28.1
Syntax
AT+AB Sniff [BD address] [Sniff Interval]
Where
[BD address] is the BD address of the device to be switched to active mode.
[Sniff Interval] is given in slots from 66-10,000.
C.28.2
Responses
If the operation is successful, the response is:
AT-AB SniffMode
C.29
SPPConnect
The SPPConnect command is used to initiate a connection with the specified device. The
remote BD address must be specified. The remote Service is optional. If not specified, the
first registered SPP service will be used by default.
C.29.1
Syntax
AT+AB SPPConnect [BD Addr] [Service]
Where
[BD Addr] is the remote devices BD Address to page. [Service] is the specific
service on the remote device; optional.
C.29.2
Responses
If the connection is successful, the response is:
AT-AB ConnectionUp
AT-AB -BypassMode-
If the connection cannot be completed, the response is:
AT-AB SPPConnectionClosed
C.30
SPPDisconnect
The SPPDisconnect command is used to terminate a connection with the remote device.
C.30.1
Syntax
AT+AB SPPDisconnect
C.30.2
Responses
If the connection is successful, the response is
AT-AB SPPConnectionClosed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48