| データシートサーチシステム |
|
HCS12 データシート(PDF) 229 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 229 Page - Freescale Semiconductor, Inc |
|
229 / 452 page ![]() Glossary S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 229 Operation: Description: Shifts all bits of accumulator B one place to the right. Bit 7 is loaded with 0. The C status bit is loaded from the least significant bit of B. LSRB Logical Shift Right B LSRB C b7 – – – – – – b0 0 CCR Details: S X HIN Z V C –––– 0 ∆∆∆ N: 0; cleared Z: Set if result is $00; cleared otherwise V: N ⊕ C = [N • C] + [N • C] (for N and C after the shift) Set if (N is set and C is cleared) or (N is cleared and C is set); cleared otherwise (for values of N and C after the shift) C: B0 Set if the LSB of B was set before the shift; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 LSRB INH 54 O O |