| データシートサーチシステム |
|
HCS12 データシート(PDF) 230 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 230 Page - Freescale Semiconductor, Inc |
|
230 / 452 page ![]() Instruction Glossary S12CPUV2 Reference Manual, Rev. 4.0 230 Freescale Semiconductor Operation: Description: Shifts all bits of double accumulator D one place to the right. D15 (MSB of A) is loaded with 0. The C status bit is loaded from D0 (LSB of B). LSRD Logical Shift Right Double LSRD C b7 – – – – – – b0 b7 – – – – – – b0 0 Accumulator A Accumulator B CCR Details: S X HIN Z V C –––– 0 ∆∆∆ N: 0; cleared Z: Set if result is $0000; cleared otherwise V: D0 Set if, after the shift operation, C is set; cleared otherwise C: D0 Set if the LSB of D was set before the shift; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 LSRD INH 49 O O |