| データシートサーチシステム |
|
HCS12 データシート(PDF) 253 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 253 Page - Freescale Semiconductor, Inc |
|
253 / 452 page ![]() Glossary S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 253 Operation: (M(SP)) ⇒ B (SP) + $0001 ⇒ SP Description: Accumulator B is loaded from the address indicated by the stack pointer. The SP is then incremented by one. Pull instructions are commonly used at the end of a subroutine, to restore the contents of CPU registers that were pushed onto the stack before subroutine execution. PULB Pull B from Stack PULB CCR Details: S X HIN Z V C –––––––– Source Form Address Mode Object Code Access Detail HCS12 M68HC12 PULB INH 33 ufO ufO |