| データシートサーチシステム |
|
HCS12 データシート(PDF) 257 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 257 Page - Freescale Semiconductor, Inc |
|
257 / 452 page ![]() Glossary S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 257 Operation: (M(SP) : M(SP+1)) ⇒ YH : YL (SP) + $0002 ⇒ SP Description: Index register Y is loaded from the address indicated by the stack pointer. The SP is then incremented by two. Pull instructions are commonly used at the end of a subroutine to restore the contents of CPU registers that were pushed onto the stack before subroutine execution. PULY Pull Index Register Y from Stack PULY CCR Details: S X HIN Z V C –––––––– Source Form Address Mode Object Code Access Detail HCS12 M68HC12 PULY INH 31 UfO UfO |