| データシートサーチシステム |
|
HCS12 データシート(PDF) 278 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 278 Page - Freescale Semiconductor, Inc |
|
278 / 452 page ![]() Instruction Glossary S12CPUV2 Reference Manual, Rev. 4.0 278 Freescale Semiconductor Operation: If r1 bit 7 = 0, then $00 : (r1) ⇒ r2 If r1 bit 7 = 1, then $FF : (r1) ⇒ r2 Description: This instruction is an alternate mnemonic for the TFR r1,r2 instruction, where r1 is an 8-bit register and r2 is a 16-bit register. The result in r2 is the 16-bit sign extended representation of the original two’s complement number in r1. The content of r1 is unchanged in all cases except that of SEX A,D (D is A : B). SEX Sign Extend into 16-Bit Register SEX CCR Details: S X HIN Z V C –––––––– Source Form Address Mode Object Code(1) 1. Legal coding for eb is summarized in the following table. Columns represent the high-order source digit. Rows represent the low-order destination digit (MSB is a don’t care). Values are in hexadecimal. Access Detail HCS12 M68HC12 SEX abc,dxys INH B7 eb P P 01 2 3 sex:A ⇒ TMP2 sex:B ⇒ TMP2 sex:CCR ⇒ TMP2 4 sex:A ⇒ D SEX A,D sex:B ⇒ D SEX B,D sex:CCR ⇒ D SEX CCR,D 5 sex:A ⇒ X SEX A,X sex:B ⇒ X SEX B,X sex:CCR ⇒ X SEX CCR,X 6 sex:A ⇒ Y SEX A,Y sex:B ⇒ Y SEX B,Y sex:CCR ⇒ Y SEX CCR,Y 7 sex:A ⇒ SP SEX A,SP sex:B ⇒ SP SEX B,SP sex:CCR ⇒ SP SEX CCR,SP |