| データシートサーチシステム |
|
HCS12 データシート(PDF) 277 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 277 Page - Freescale Semiconductor, Inc |
|
277 / 452 page ![]() Glossary S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 277 Operation: 1 ⇒ V bit Description: Sets the V status bit. This instruction is assembled as ORCC #$02. The ORCC instruction can be used to set any combination of bits in the CCR in one operation. SEV Set Two’s Complement Overflow Bit SEV CCR Details: S X HIN Z V C –––––– 1 – V: 1; set Source Form Address Mode Object Code Access Detail HCS12 M68HC12 SEV translates to... ORCC #$02 IMM 14 02 P P |