| データシートサーチシステム |
|
HCS12 データシート(PDF) 401 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 401 Page - Freescale Semiconductor, Inc |
|
401 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 401 Table A-8. Hexadecimal to ASCII Conversion Hex ASCII Hex ASCII Hex ASCII Hex ASCII $00 NUL $20 SP space $40 @ $60 ` grave $01 SOH $21 ! $41 A $61 a $02 STX $22 “ quote $42 B $62 b $03 ETX $23 # $43 C $63 c $04 EOT $24 $ $44 D $64 d $05 ENQ $25 % $45 E $65 e $06 ACK $26 & $46 F $66 f $07 BEL beep $27 ‘ apost. $47 G $67 g $08 BS back sp $28 ( $48 H $68 h $09 HT tab $29 ) $49 I $69 i $0A LF linefeed $2A * $4A J $6A j $0B VT $2B + $4B K $6B k $0C FF $2C , comma $4C L $6C l $0D CR return $2D - dash $4D M $6D m $0E SO $2E . period $4E N $6E n $0F SI $2F / $4F O $6F o $10 DLE $30 0 $50 P $70 p $11 DC1 $31 1 $51 Q $71 q $12 DC2 $32 2 $52 R $72 r $13 DC3 $33 3 $53 S $73 s $14 DC4 $34 4 $54 T $74 t $15 NAK $35 5 $55 U $75 u $16 SYN $36 6 $56 V $76 v $17 ETB $37 7 $57 W $77 w $18 CAN $38 8 $58 X $78 x $19 EM $39 9 $59 Y $79 y $1A SUB $3A : $5A Z $7A z $1B ESCAPE $3B ; $5B [ $7B { $1C FS $3C < $5C \ $7C | $1D GS $3D = $5D ] $7D } $1E RS $3E > $5E ^ $7E ~ $1F US $3F ? $5F _ under $7F DEL delete |