| データシートサーチシステム |
|
HCS12 データシート(PDF) 402 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 402 Page - Freescale Semiconductor, Inc |
|
402 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 402 Freescale Semiconductor A.5 Hexadecimal to Decimal Conversion To convert a hexadecimal number (up to four hexadecimal digits) to decimal, look up the decimal equivalent of each hexadecimal digit in Table A-9. The decimal equivalent of the original hexadecimal number is the sum of the weights found in the table for all hexadecimal digits. A.6 Decimal to Hexadecimal Conversion To convert a decimal number (up to 65,53510) to hexadecimal, find the largest decimal number in Table A-9 that is less than or equal to the number you are converting. The corresponding hexadecimal digit is the most significant hexadecimal digit of the result. Subtract the decimal number found from the original decimal number to get the remaining decimal value. Repeat the procedure using the remaining decimal value for each subsequent hexadecimal digit. Table A-9. Hexadecimal to/from Decimal Conversion 15 Bit 8 7 Bit 0 15 12 11 8 74 30 4th Hex Digit 3rd Hex Digit 2nd Hex Digit 1st Hex Digit Hex Decimal Hex Decimal Hex Decimal Hex Decimal 0 0 0 0 0 0 0 0 1 4,096 1 256 1 16 1 1 2 8,192 2 512 2 32 2 2 3 12,288 3 768 3 48 3 3 4 16,384 4 1,024 4 64 4 4 5 20,480 5 1,280 5 80 5 5 6 24,576 6 1,536 6 96 6 6 7 28,672 7 1,792 7 112 7 7 8 32,768 8 2,048 8 128 8 8 9 36,864 9 2,304 9 144 9 9 A 40,960 A 2,560 A 160 A 10 B 45,056 B 2,816 B 176 B 11 C 49,152 C 3,072 C 192 C 12 D 53,248 D 3,328 D 208 D 13 E 57,344 E 3,484 E 224 E 14 F 61,440 F 3,840 F 240 F 15 |